PART |
Description |
Maker |
RHRP640CC FN4464 RHRP660CC RHRP650CC |
6A, 600V Ultrafast Dual Diodes(6A, 600V 瓒?揩??????) 6A/ 400V - 600V Hyperfast Dual Diodes 6A, 600V Ultrafast Dual Diodes(6A, 600V 超快双二极管) 6A, 400V - 600V Hyperfast Dual Diodes From old datasheet system
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
CFRM105-HF |
Halogen Free Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A
|
Comchip Technology
|
CFRM105-G |
Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A
|
Comchip Technology
|
HGT1S7N60B3S HGTP7N60B3 HGT1S7N60B3S9A HGTD7N60B3S |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 7A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展|7A一(c)|63AB 14A, 600V, UFS Series N-Channel IGBTs
|
Cypress Semiconductor, Corp. Fairchild Semiconductor
|
IRG4BC20U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|
SSU2N60B SSR2N60B SSR2N60 SSU2N60BTU SSR2N60BTF SS |
600V N-Channel MOSFET 600V N-Channel MOSFET 1.8 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 600V N-Channel B-FET / Substitute of SSU2N60A 600V N-Channel B-FET / Substitute of SSR2N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGT1Y40N60B3D |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 40A I(C) | TO-264 70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
|
FAIRCHILD[Fairchild Semiconductor]
|
STGB7NB60KD STGD7NB60K STGP7NB60K STGP7NB60KDFP ST |
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH?/a> IGBT N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH⑩ IGBT (STGD7NB60K / STGP7NB60K / STGB7NB60KD) N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH IGBT N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESHIGBT N沟道A - 600V IGBT的TO-220/FP/DPAK/D2PAK PowerMESH
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
RHRP860CC FN3964 RHRP840CC |
8A, 400V - 600V Hyperfast Dual Diodes 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB 8A/ 400V - 600V Hyperfast Dual Diodes 8A, 400V - 600V Hyperfast Dual Diodes(8A, 400V-600V 超快速二极管) 8 A, 400 V, SILICON, RECTIFIER DIODE From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
IRFIBC30G IRFIBC30 |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A) Power MOSFET(Vdss=600V/ Rds(on)=2.2ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRFIBC40G IRFIBC40 IRFIBC40GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A) Power MOSFET(Vdss=600V/ Rds(on)=1.2ohm/ Id=3.5A)
|
IRF[International Rectifier]
|